PART |
Description |
Maker |
ST95040 ST95040B1TR ST95040B3TR ST95040B6TR ST9504 |
4K serial SPI EEPROM with positive clock strobe 4/2/1 KBITS SERIAL SPI EEPROM WITH POSITIVE CLOCK STROBE (ST950x0) 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe MOSFET, N SOT-23MOSFET, N SOT-23; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SOT-23; Current, Id cont:2.6A; Current, Idm pulse:10A; Power, Pd:0.75W; Resistance, Rds on:0.07R; SMD:1; Current, Id 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe 4K/2K/1K串行SPI EEPROM,带有正时钟选 SPI Serial EEPROM SPI串行EEPROM 2K serial SPI EEPROM with positive clock strobe
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
NM25C040 NM25C040LM8 NM25C040LVMT8 NM25W040LMT8X N |
4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CAT150169JWI-GT3 CAT150169LWI-GT3 CAT150161JWI-GT3 |
8K X 1 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 Supervisor with 16 k SPI EEPROM 16K X 1 SPI BUS SERIAL EEPROM, PDSO8 Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
M95256-MW6G_A M95256-D-MW6G_A M95256-MW6G_K M95256 |
256 Kbit serial SPI bus EEPROM with high-speed clock 32K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
STMicroelectronics
|
M95256RMW3G M95256RMW3P M95256RMW3TG M95256RMW3TP |
32K X 8 SPI BUS SERIAL EEPROM, PDSO8 256 Kbit serial SPI bus EEPROM with high-speed clock
|
STMicroelectronics
|
M95160-S M95160-W M95080-S M95160-WDL3 M95160-WDL6 |
2K X 8 SPI BUS SERIAL EEPROM, PDSO14 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMICROELECTRONICS SGS Thomson Microelectronics
|
AT88RF001NBSP AT88RF001-01 AT88RF001 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each RF Interface IC with 256-bit EEPROM and Password. Provides an RF interface for communication with two-wire and SPI serial memories. Low-cost Asset Identification IC with serial TWI/SPI interface, 320 bits RFID External EEPROM Interface IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
M95128 M95256-WMN6_A M95256-WMN6_V M95256-RMN6_A M |
256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256 Kbit Serial SPI bus EEPROM with high speed clock
|
STMICROELECTRONICS[STMicroelectronics]
|
AT25080A AT25640A AT25160A AT25320A |
8/16/32/64K, SPI Bus Serial EEPROM, High Speed, supports SPI Mode 0 and 3.
|
Atmel
|
CAT25010LE-GT3 CAT25010LET3 CAT25040 CAT25040LE-GT |
1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM 128 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Catalyst Semiconductor
|
CAT25640 CAT25640HU3E-GT3 CAT25640HU3E-T3 CAT25640 |
8K X 8 SPI BUS SERIAL EEPROM, PDSO8 64-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
FM25C040 FM25C040U FM25C040UE FM25C040UV |
CONN,HEADER,2X8,AV,.100 4K的位SPI⑩的CMOS EEPROM的串行接 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|